Part Number Hot Search : 
SEA6461J 8R210 M5913B1 U74LV R0100 CPC1909J EC260 24SVF
Product Description
Full Text Search
 

To Download BAT54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54 / 54A / 54C / 54S
Vishay Semiconductors
Small Signal Schottky Diodes, Single & Dual
Features
* These diodes feature very low turn-on voltage and fast switching. * These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges.
BAT54
3
BAT54A
3
Mechanical Data
Case: SOT-23 Plastic case Weight: approx. 8.8 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
18034
Top View
1 2
1
2
BAT54C
3
BAT54S
3
Top View
1 2 1 2
Parts Table
Part BAT54 BAT54A BAT54C BAT54S Ordering code BAT54-GS18 or BAT54-GS08 BAT54A-GS18 or BAT54A-GS08 BAT54C-GS18 or BAT54C-GS08 BAT54S-GS18 or BAT54S-GS08 L4 L42 L43 L44 Marking Remarks Tape and Reel Tape and Reel Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Repetitive peak reverse voltage Forward continuous current Repetitive peak forward current Surge forward current current Power dissipation
1)
Test condition
Symbol VRRM IF IFRM
Value 30 200 300 600
1) 1) 1)
Unit V mA mA mA mW
tp < 1 s
IFSM Ptot
230
Device on fiberglass substrate, see layout on next page.
Document Number 85508 Rev. 1.6, 24-Nov-04
www.vishay.com 1
BAT54 / 54A / 54C / 54S
Vishay Semiconductors Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambiant air Junction temperature Storage temperature range
1)
Test condition
Symbol RthJA Tj = Tstg TS
Value 4301) - 65 to + 150 - 65 to + 150
Unit C/W C C
Device on fiberglass substrate, see layout on next page.
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse Breakdown voltage Leakage current Forward voltage Test condition IR = 100 A pulses Pulse test tp < 300 s, < 2 % at VR = 25 V IF = 0.1 mA, tp < 300 s, < 2 % IF = 1 mA, tp < 300 s, < 2 % IF = 10 mA, tp < 300 s, < 2 % IF = 30 mA, tp < 300 s, < 2 % IF = 100 mA, tp < 300 s, < 2 % Diode capacitance Reverse recovery time VR = 1 V, f = 1 MHz IF = 10 mA through IR = 10 mA to Irr = 1mA, RL = 100 Symbol V(BR) IR VF VF VF VF VF Ctot trr Min 30 2 240 320 400 500 1000 10 5 Typ. Max Unit V A mV mV mV mV mV pF ns
Layout for RthJA test
Thickness: Fiberglass 1.5 mm (0.059 in.) Copper leads 0.3 mm (0.012 in.)
7.5 (0.3) 3 (0.12)
1 (0.4) 12 (0.47) 15 (0.59) 0.8 (0.03)
2 (0.8) 1 (0.4) 2 (0.8)
5 (0.2)
1.5 (0.06) 5.1 (0.2)
17451
www.vishay.com 2
Document Number 85508 Rev. 1.6, 24-Nov-04
BAT54 / 54A / 54C / 54S
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
1000 100
IF in mA
TJ = 125C
TJ = -40C
10 1 0.1 0.01 0 0.2 0.4
T = 25 C J
18025
0.6 0.8 VF in V
1.0
1.2 1.4
Figure 1. Typical Forward Voltage Forward Current at Various Temperatures
14 12 10
Cin pF
8 6 4 2 0 0 4 8 16 12 VR in V 20 24 28
18026
Figure 2. Typical Capacitance C vs. Reverse Applied Voltage VR
1000 100 I R in A 10 1 0.1 0.01 0
18027
TJ = 125 C TJ = 100 C TJ = 75 C TJ = 50C
TJ = 25C
5
10
15 VR in V
20
25
30
Figure 3. Typical Variation of Reverse Current at Various Temperatures
Document Number 85508 Rev. 1.6, 24-Nov-04
www.vishay.com 3
BAT54 / 54A / 54C / 54S
Vishay Semiconductors Package Dimensions in mm (Inches)
1.15 (.045)
0.175 (.007) 0.098 (.005) 0.1 (.004) max. 0.4 (.016) 0.4 (.016) 2.6 (.102) 2.35 (.092)
0.95 (.037)
ISO Method E
3.1 (.122) 2.8 (.110) 0.4 (.016) 3
1.43 (.056) 1.20(.047)
Mounting Pad Layout
0.52 (0.020)
0.9 (0.035)
2.0 (0.079)
1 0.95 (.037)
2 0.95 (.037) 0.95 (0.037) 0.95 (0.037)
17418
www.vishay.com 4
Document Number 85508 Rev. 1.6, 24-Nov-04
BAT54 / 54A / 54C / 54S
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 85508 Rev. 1.6, 24-Nov-04
www.vishay.com 5


▲Up To Search▲   

 
Price & Availability of BAT54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X